Part Number Hot Search : 
KRC841U SS24A EM73461B SG3845 AK8855 SMAJ51A DS80C 67600973
Product Description
Full Text Search
 

To Download STP12PF06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-CHANNEL 60V - 0.18 - 12A TO-220/TO-220FP STripFETTM II POWER MOSFET
Table 1: General Features
TYPE STP12PF06 STF12PF06

STP12PF06 STF12PF06
Figure 1:Package
RDS(on) < 0.20 < 0.20 ID 12 A 12 A
VDSS 60 V 60 V
TYPICAL RDS(on) = 0.18 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW GATE CHARGE APPLICATION ORIENTED CHARACTERIZATION
3 1 2
1 2
3
TO-220
TO-220FP
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility APPLICATIONS MOTOR CONTROL DC-DC & DC-AC CONVERTERS
Figure 2: Internal Schematic Diagram
Table 2: Order Codes
PART NUMBER STP12PF06 STF12PF06 MARKING P12PF06 F12PF06 PACKAGE TO-220 TO-220FP PACKAGING TUBE TUBE
Table 3: ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM(*) Ptot dv/dt (1) EAS (2) Tstg Tj Parameter STP20PF06 Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Single Pulse Avalanche Energy Storage Temperature Operating Junction Temperature 60 60 20 12 8.4 48 60 0.4 6 200 -55 to 175
(1) ISD 12A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX (2) Starting Tj = 25 oC, ID = 12A, VDD= 25V
Value STF20PF06
Unit V V V A A A W W/C V/ns mJ C
8 5.6 32 225 0.17
(*) Pulse width limited by safe operating area.
NOTE:For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed.
March 2005
Rev. 2.0
1/10
STP12PF06 STF12PF06
Table 4: THERMAL DATA
TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose Max Max 2.5 62.5 300 TO-220FP 5.35 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED)
Table 5: OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 20V Min. 60 1 10 100 Typ. Max. Unit V A A nA
Table 6: ON (*)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V ID = 250 A ID = 10 A Min. 2 Typ. 3.4 0.18 Max. 4 0.20 Unit V
Table 7: DYNAMIC
Symbol gfs (2) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 15 V ID = 6 A Min. 2.5 Typ. 6 850 230 75 Max. Unit S pF pF pF
VDS = 25V f = 1 MHz VGS = 0
2/10
STP12PF06 STF12PF06
ELECTRICAL CHARACTERISTICS (continued)
Table 8: SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 30 V ID = 6 A VGS = 10 V RG = 4.7 (Resistive Load, Figure 19) VDD= 48 V ID= 12 A VGS= 10 V Min. Typ. 20 40 16 4 6 21 Max. Unit ns ns nC nC nC
Table 9: SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions VDD = 30 V ID = 6 A VGS = 10 V RG = 4.7, (Resistive Load, Figure 19) Min. Typ. 40 10 Max. Unit ns ns
Table 10: SOURCE DRAIN DIODE
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current
1.5 %.
Test Conditions
Min.
Typ.
Max. 10 40
Unit A A V ns nC A
ISD = 12 A
VGS = 0 100 260 5.2
2.5
ISD = 12 A di/dt = 100A/s Tj = 150C VDD = 30 V (see test circuit, Figure 21)
(1 )Pulse width limited by safe operating area. (2) Pulsed: Pulse duration = 300 s, duty cycle
Figure 3: Safe Operating Area for TO-220
Figure 4: Safe Operating Area for TO-220FP
3/10
STP12PF06 STF12PF06
Figure 5: Thermal Impedance Figure 6: Thermal Impedance for TO-220FP
Figure 7: Output Characteristics
Figure 8: Transfer Characteristics
Figure 9: Transconductance
Figure 10: Static Drain-source On Resistance
4/10
STP12PF06 STF12PF06
Figure 11: Gate Charge vs Gate-source Voltage Figure 12: Capacitance Variations
Figure 13: Normalized Gate Threshold Voltage vs Temperature
Figure 14: Normalized on Resistance vs Temperature
Figure 15: Source-drain Diode Forward Characteristics
Figure 16: Normalized Breakdown Voltage Temperature
5/10
STP12PF06 STF12PF06
Figure 17: Unclamped Inductive Load Test Circuit
Figure 18: Unclamped Inductive Waveform
Figure 19: Switching Times Test Circuits For Resistive Load
Figure 20: Gate Charge test Circuit
Figure 21: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/10
STP12PF06 STF12PF06 TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L3 L4 L5 L6 L7 L9 DIA 13 2.65 15.25 6.20 3.50 3.75 mm. MIN. 4.4 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10 16.40 28.90 14 2.95 15.75 6.60 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 TYP. MAX. 4.6 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 1.137 0.551 0.116 0.620 0.260 0.154 0.151 inch. TYP. TYP. 0.181 0.051 0.107 0.027 0.034 0.067 0.067 0.203 0.106 0.409
7/10
STP12PF06 STF12PF06
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
H
F
G1
E F2
123 L2 L4
8/10
G
STP12PF06 STF12PF06
Table 11:Revision History
Date
March 2005 March 2005
Revision
1.0 2.0 FIRST ISSUE MINOR REVISION
Description of Changes
9/10
STP12PF06 STF12PF06
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics All other names are the property of their respective owners.
(c) 2005 STMicroelectronics - All Rights Reserved
STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco -Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America. www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STP12PF06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X